Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download BST100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BST100 P-channel enhancement mode vertical D-MOS transistor
Product specification File under Discrete Semiconductors, SC13b April 1995
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
DESCRIPTION P-channel vertical D-MOS transistor TO-92 variant envelope and intended for use in relay, high-speed and line-transformer drivers. FEATURES * Very low RDS(on) * Direct interface to C-MOS * High-speed switching * No second breakdown QUICK REFERENCE DATA Drain-source voltage Gate-source voltage (open drain) Drain current (DC) Total power dissipation up to Tamb = 25 C Drain-source ON-resistance -ID = 200 mA; -VGS = 10 V Transfer admittance -ID = 200 mA; -VDS = 15 V PINNING - TO-92 VARIANT 1 2 3 = source = gate = drain Yfs typ. RDS(on) -VDS VGSO -ID Ptot
BST100
max. max. max. max. typ. max.
60 V 20 V 0.3 A 1W 4,5 6
200 mS
PIN CONFIGURATION
handbook, halfpage
d
1
2 3 g
MAM144
s
Note: various pinout configurations available.
Fig.1 Simplified outline and symbol.
April 1995
2
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Drain-source voltage Gate-source voltage (open drain) Drain current (DC) Drain current (peak) Total power dissipation up to Tamb = 25 C (note 1) Storage temperature range Junction temperature THERMAL RESISTANCE From junction to ambient (note 1) Note 1. Transistor mounted on printed-circuit board, max. lead length 4 mm, mounting pad for drain lead min. 10 mm x 10 mm. Rth j-a = -VDS
VGSO
BST100
max. max. max. max. max. max.
60 V 20 V 0.3 A 0.8 A 1W 150 C
-ID -IDM Ptot Tstg Tj
-65 to + 150 C
125 K/W
April 1995
3
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified Drain-source breakdown voltage -ID = 10 A; VGS = 0 Drain-source leakage current -VDS = 48 V; VGS = 0 Gate-source leakage current -VGS = 20 V; VDS = 0 Gate threshold voltage -ID = 1 mA; VDS = VGS Drain-source ON-resistance -ID = 200 mA; -VGS = 10 V Transfer admittance -ID = 200 mA; -VDS = 15 V Input capacitance at f = 1 MHz -VDS = 10 V; VGS = 0 Output capacitance at f = 1 MHz -VDS = 10 V; VGS = 0 Feedback capacitance at f = 1 MHz -VDS = 10 V; VGS = 0 Switching times (see Figs 2 and 3) -ID = 200 mA; -VDD = 50 V; -VGS = 0 to 10 V ton toff typ. typ. Crss typ. max. Coss typ. max. Ciss typ. max. Yfs typ. RDS(on) typ. max. -VGS(th) min. max. -IGSS max. -IDSS max. -V(BR)DSS min.
BST100
60 V 1 A 100 nA 1.5 V 3.5 V 4.5 6
200 mS 55 pF 70 pF
30 pF 45 pF
8 pF 12 pF
4 ns 20 ns
April 1995
4
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
BST100
handbook, halfpage
VDD = -50 V
handbook, halfpage
10 %
INPUT 90 %
0V -10 V ID 50
MBB689
10 % OUTPUT 90 % ton toff
MBB690
Fig.2 Switching times test circuit.
Fig.3 Input and output waveforms.
-103 handbook, halfpage V
MDA776
GS = -10 V
handbook, halfpage
-7.5 V -6 V -5 V -4.5 V
-1 ID
MDA777
ID (mA)
(A) -0.8
-0.6
-102 -0.4
-0.2
-10
0 4 6 8 10 12 14 16 RDSon () 0
-2
-4
-6
-8 -10 VGS (V)
Fig.4
Drain current vs ON-resistance. Tj = 25 C; typical values.
Fig.5
Transfer characteristics. Tj = 25 C; -VDS = 10 V; typical values.
April 1995
5
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
BST100
handbook, halfpage
-1 ID
MDA778
(A) -0.8
VGS = -10 V -7.5 V
-0.6
-6 V
-0.4
-5 V -4.5 V
-0.2
0 0
-2
-4
-6
-8 -10 VDS (V)
Fig.6
Output characteristics. Tj = 25 C; typical values.
April 1995
6
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
PACKAGE OUTLINES Plastic single-ended leaded (through hole) package; 3 leads (on-circle)
BST100
SOT54 variant
c
L2
E d A L b
1 2
D e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm Notes 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 variant REFERENCES IEC JEDEC TO-92 EIAJ SC-43 EUROPEAN PROJECTION ISSUE DATE 97-04-14 A 5.2 5.0 b 0.48 0.40 b1 0.66 0.56 c 0.45 0.40 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1) max 2.5 L2 max 2.5
April 1995
7
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS
BST100
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
April 1995
8
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
NOTES
BST100
April 1995
9
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
NOTES
BST100
April 1995
10
Philips Semiconductors
Product specification
P-channel enhancement mode vertical D-MOS transistor
NOTES
BST100
April 1995
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA54
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
137107/00/01/pp12
Date of release: April 1995
Document order number:
9397 750 02493


▲Up To Search▲   

 
Price & Availability of BST100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X